PART |
Description |
Maker |
2700093 |
Connection element with screw connection terminal blocks for base mounting
|
PHOENIX CONTACT
|
0423014 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0424026 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0446017 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
1804917 |
Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
|
List of Unclassifed Manufacturers ETC[ETC]
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
0222760000 |
Fuse terminal, 4 mm2, Screw connection, PA 66, beige, TS 35 TS 32
|
Weidmuller
|
0225360000 |
Fuse terminal, 4 mm2, Screw connection, PA 66, beige, TS 35 TS 32
|
Weidmuller
|
0225560000 |
Fuse terminal, 4 mm2, Screw connection, PA 66, beige, TS 35 TS 32
|
Weidmuller
|
43-00103 43-00105 43-00104 43-00106 |
Male connector M12x1 field attachable, angled, screw connection
|
CONEC Elektronische Bauelemente GmbH
|
|